PART |
Description |
Maker |
CMLD6263 |
SMD Schottky Diode Dual: High Voltage: Same Polarity SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
MBR10100CT MBR10200CT |
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MBRF10100CT MBRF10200CT |
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
SB5H100-E3_54 SB5H100-E3_73 SB5H100-E3/54 SB5H100H |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
SB1H100-E3_54 SB1H100-E3_73 SB1H100 SB1H100HE3_54 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
BA-9H4AD BA-9Y4CD BA-10D1UD BA-10E1UD BA-10G1UD BA |
LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光 LED LIGHT BAR & BAR GRAPH ARRAYS
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Yellow Stone Corp
|
ADP3307ART-3-REEL ADP3307ART-3-REEL7 ADP3307ART-2. |
OutputV: 3.3V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 3.2V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.85V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.7V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Analog IC 3 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
Analog Devices, Inc. TE Connectivity, Ltd.
|
MBRF30H100CT MBR30H100CT MBRB30H100CT MBRB30H90CT |
High-Voltage Dual Schottky Rectifiers Forward Current 30A Maximum TJ 175C Reverse Voltage 90 to 100V
|
Vishay Intertechnology,Inc. http:// ON Semiconductor VISAY[Vishay Siliconix]
|
280109-07 280108-06 ABG-12205 |
Plasma Panel Bar Graph Modules Dual Linear Bar Graph with Drive Electronics Interface and DC/DC Converter
|
Vishay Siliconix http://
|